Part Number Hot Search : 
IRPLDIM3 1N338 C3611 30210 CHM1193 EMZA350A 2N4393 PC811
Product Description
Full Text Search
 

To Download TPP1XGDS0XG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  an oplink company pb product description features absolute maximum ratings the TPP1XGDS0XG is an enhanced small form factor pluggable (sfp+) fber optic transceiver with digital diagnostics monitoring functionality (ddm). supporting ethernet and fiber channel standards makes it ideally suited for 10gbps data-com and storage area network applications. ddm functionality (alarm and warning features) is integrated into the design via an i 2 c serial interface per the multi-source agreement (msa) sff-8472, rev. 10.4. the transceiver supports data rates ranging from 11.3gbps down to 8gbps. it provides an excellent solution for transmission at 850nm over up to 300m 2000mhzkm multimode fber. the sub-watt power consumption and excellent emi performance allow system design with high port density. the product is rohs compliant. the transceiver is class i laser product per u.s. fda/cdrh and international iec-60825 standards. the TPP1XGDS0XG transceiver connects to standard 20-pad sfp+ connectors for hot plug capability. this allows the system designer to make confguration changes or maintenance by simply plugging in diferent transceivers without removing the power supply from the host system. the transmitter and receiver data interfaces are internally ac-coupled. lv-ttl transmitter disable control input and loss of signal (los) output interfaces are also provided. the transceiver has bail-type latch, which ofers an easy and convenient way to release the modules. the latch is compliant with the sfp msa. the transceiver operates from a single +3.3v power supply over an operating case temperature range of -5c to +70c (commercial), or -5c to +85c (extended) or -40c to +85c (industrial). the housing is made of metal for emi immunity. ? 850nm vcsel laser ? transmission distance up to 300m on om3 mm fber ? low power consumption ? wide case operating temperature range ? compliant to sfp+ electrical msa sff-8431 ? compliant to sfp+ mechanical msa sff-8432 ? digital diagnostics monitoring (ddm) through serial interface comply with sff-8472, rev. 10.4 ? rohs 6/6 compliant ? compliant with product safety standards TPP1XGDS0XG parameter symbol minimum maximum units storage temperature t st - 40 + 85 c operating case temperature 1 commercial t op - 5 + 70 c extended - 5 + 85 industrial - 40 + 85 operating relative humidity 2 rh 0 85 % supply voltage range v cc - 0.5 + 3.6 v 1 measured on top side of sfp+ module at the front center vent hole of the cage. 2 non condensing 21737-0983. rev.05. 2011-02-23 850nm sfp+ transceiver
oplink communications, inc transmitter performance characteristics (over operating case temperature. v cc = 3.13 to 3.47v) receiver performance characteristics (over operating case temperature. v cc = 3.13 to 3.47v) laser safety: ll transceiers are lass i laser products per fdd and ie standards tey ust be operated under specied operating conditions oplink communications, inc. o mcr is prouct complies it cr . an . meets class i laser safety requirements TPP1XGDS0XG parameter symbol minimum typical maximum units operating data rate b 0 - 11 bs cente wavelengt c 0 0 0 nm sectal widt ? ms - - 0 nm aveage launc poe 1 p avg - - - 1 dbm launc poe in oma 1 p oma - - 1 - dbm extinction ratio er - - db relative intensit noise rin 12 oma - - - 12 dbh aveage launc poe o off tansmitte p of tdp - - db 1 launc oe gues ae inomative onl, e ieee 02ae parameter symbol minimum typical maximum units operating data rate b 0 - 11 bs wavelengt o oeation p min - - - dbm oma 1012bs 1 - - - 111 dbm stessed receive sensitivit in oma - - - - dbm maximum inut otical poe 10 -12 ber p max + 0 - - dbm los hsteesis - 0 - - db los tesolds inceasing ligt inut p los+ - - - 11 dbm deceasing ligt inut p los- - 0 - - 1 secied it ber 1x10 -12 and prbs 2 1 -1 2 secied it ber 1x10 -12 and prbs 2 -1 coml it ieee 02ae 2 233 5 2223 25
oplink communications, inc receiver electrical interface electrical power supply characteristics (over operating case temperature. v cc = 3.13 to 3.47v) (over operating case temperature. v cc = 3.13 to 3.47v) connector pin-out transmitter electrical characteristics (over operating case temperature. v cc = 3.13 to 3.47v) 11 12 13 14 15 16 17 18 19 20 10 9 8 7 6 5 4 3 2 1 v ee t td+ td - v ee t v cc t v cc r v ee r rd+ rd - v ee r v ee r rs1 rx_l os rs0 mod - abs scl sd a t x_d i sable t x_f au lt v ee t t oward h ost t oward b ezel TPP1XGDS0XG parameter symbol minimum typical maximum units power supply oltage v cc 1 0 v dc common mode voltage v cm 0 - v sul cuent 1 i cc - - 20 ma poe consumtion p w - 0 10 w 1 measued at v, eol, 0c case parameter symbol minimum typical maximum units output oltage swing (rd & rd-) z d - 100 - dieential outut sing v pp-diff 00 0 0 mv outut rise and fall time 20 to 0 t rh , t fh 2 - - s outut hih voltage los 1 v oh v cc - 1 - v cc + 0 v outut low voltage los 1 v ol 0 - 0 v 1 oen collecto comatible, to 10 ull-u esisto to vcc host sul voltage 3 233 5 2223 parameter symbol minimum typical maximum units dierential input impedance z d - 100 - dieential inut voltage sing v pp-diff 10 - 00 mv inut hih voltage tx disable 1 v ih 20 - v cc v inut low voltage tx disable 1 v il 0 - 0 v outut hih voltage tx fault 2 v oh 20 - v cc + 0 v outut low voltage tx fault 2 v ol 0 - 0 v 1 tee is an intenal to 10 ull-u esisto to vcct 2 oen collecto comatible, to 10 ull-u esisto to vcc host sul voltage note te secied caacteistics ae met itin te ecommended ange o oeation nless oteise noted tical data ae uoted at nominal voltage and +2c ambient temeatue
oplink communications, inc module pin description application notes electrical interface: ll signal interfaces are copliant wit te sfp ms specication te ig speed dt interface is differential coupled internally and can be directly connected to a sedes i ll low speed control and sense output signals are open collector ttl copatible and sould be pulled up wit a resistor on te ost board loss of signal (los): te loss of signal circuit onitors te leel of te incoing optical signal and generates logic ig wen an insucient potocurrent is produced tx_fault: output inicats o n t tansmitt is opatin nomall an i it a las ault incluin las noli ault is an opn collctoain output an soul pull up it a k k sisto on t ost oa tx_disable: en te tx disable pin is at logic ig te transitter optical output is disabled te laser is also disabled if tis line is left oating as it is pulled ig inside te transceier serial identification and monitoring: te odule denition of sfp is indicated by te mod_s pin and te wrie serial interface pon power up te wrie interface appears as (no connection) and mod_s is ttl lo en te ost syste detects tis condition it actiates te serial protocol (standard twowire i serial interface) and generates te serial cloc signal (sl) te positie edge clocs data into te eepom segents of te deice tat are not write protected and te negatie edge clocs data fro te deice te serial data signal (sd) is for serial data transfer te ost uses sd in conunction wit sl to ar te start and end of serial protocol actiation te supported onitoring functions are teperature oltage bias current transitter power aerage receier signal all alars and warnings and software onitoring of tx faultlos te deice is internally calibrated te data transfer protocol and te details of te andatory and endor specic data structures are dened in te sfp ms and sff e power supply and grounding: te power supply line sould be wellltered ll power supply bypass capacitors sould be as close to te transceier odule as possible TPP1XGDS0XG 4 233 5 2223 pin logic symbol description - veet module tansmitte ound 2 lvttl-o tx_fault module tansmitte fault lvttl-i tx_disable tansmitte disable tuns o tansmitte lase outut lvttl-i/o sda 2-wie seial inteace data line lvttl-i /o scl 2-wie seial inteace cloc - mod-abs module denition, ounded in te module lvttl-i rs0 no unction imlemented lvt tl-o rx_los receive loss o signal indication lvttl-i rs1 no unction imlemented 10 - veer module receive ound 11 - veer module receive ound 12 cml-o rd- receive inveted data outut 1 cml-o rd+ receive non-inveted data outut 1 - veer module receive ound 1 - vccr module receive v sul 1 - vcct module tansmitte v sul 1 - veet module tansmitte ound 1 cml-i td+ tansmitte non-inveted data inut 1 cml-i td- tansmitte inveted data inut 20 - veet module tansmitte ound 1 module gound ins nd ae isolated om te module case 2 sall be ulled u it -10 to a voltage beteen 1v and v on te ost boad
oplink communications, inc esd & electromagnetic compatibility interfacing the transceivers 50 line 50 line 50 line 50 line td+ td- rd+ rd- asic/ serdes + 4.7h 0.1f 22f 0.1f +3.3v +3.3v +3.3v scl, sda, mod_abs tx_fault +3.3v r r r sfp+ vccr rx_los + 4.7h 0.1f 22f 0.1f +3.3v vcct veet, veer r: 4.7k to 10k application schematics recommended electrical connections to transceiver are shown below communication is via a serial 2-wire serial interface as described in the document s-2 (re 0) there are two distinct address spaces TPP1XGDS0XG 5 233 5 2223 requirements standard status electro static discharge to the electrical pins (esd) eiaesd22-a-b mil-std c method 0 exceeds requirements class b (000) immunity to esd (housing receptacle) ien 000--2 exceeds requirements discharges ranging from 2k to k without damages to the transceiver electromagnetic emission (emi) cc part class b en 022 class b cispr 22 exceeds requirements class b base address a0(hex) byte address content 0 serial transceiver id as dened in sp msa 2 oplin specic 2 2 reserved base address a2(hex) byte address content 0 - alarm & warnings thresholds & limits - external calibration constants (not used) alues from real time diagnostic monitoring 20 2 not used 2 2 customer specic writable area 2 - 2 not used
oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks sales and marketing for your requirements and ordering information (510) 933-7200 or sales@oplink.com. oplink communications, inc. reserves the right to make changes in equipment design or specifcations without notice. information supplied by oplink com- munications, inc. is believed to be accurate and reliable. however, no responsibility is assumed by oplink communications, inc. for its use nor for any infringe- ments of third parties, which may result from its use. no license is granted by implication or otherwise under any patent right of oplink communications, inc. ? 2011, oplink communications, inc. 46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com ordering information package outline dimensions in [inches] mm millimeters are the primary units. tolerances are in accordance with sff-8432 rev.5 TPP1XGDS0XG 6 part number operating temperature latch color nominal wavelength distance tpp1xgds0c000e2g - 5c to + 70c beige 850nm 300m tpp1xgds0e000e2g - 5c to + 85c tpp1xgds0i000e2g - 40c to + 85c 21737-0983. rev.05. 2011-02-23


▲Up To Search▲   

 
Price & Availability of TPP1XGDS0XG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X